PART |
Description |
Maker |
SR02150 SR0220 SR02100-HF-T SR02200-HF-F SR0220-HF |
LOW Vf SCHOTTKY BARRIER RECTIFIER 0.2 A, 100 V, SILICON, SIGNAL DIODE, DO-41 0.2 A, 200 V, SILICON, SIGNAL DIODE, DO-41 0.2 A, 20 V, SILICON, SIGNAL DIODE, DO-41 0.2 A, 150 V, SILICON, SIGNAL DIODE, DO-41
|
Rectron Semiconductor RECTRON LTD
|
1N914BT-10 1N914BT-87Y 1N914BT-12A 1N914BT-85 1N91 |
0.15 A, 100 V, SILICON, SIGNAL DIODE, DO-35 0.13 A, 90 V, SILICON, SIGNAL DIODE, DO-35 0.11 A, 40 V, SILICON, SIGNAL DIODE, DO-35 0.2 A, 250 V, SILICON, SIGNAL DIODE, DO-35 0.15 A, 75 V, SILICON, SIGNAL DIODE, DO-35 0.2 A, 40 V, SILICON, SIGNAL DIODE, DO-34 0.05 A, 40 V, SILICON, SIGNAL DIODE, DO-35 0.11 A, 40 V, SILICON, SIGNAL DIODE, DO-34 0.2 A, 200 V, SILICON, SIGNAL DIODE, DO-35 0.13 A, 90 V, SILICON, SIGNAL DIODE, DO-34 0.05 A, 40 V, SILICON, SIGNAL DIODE, DO-34
|
|
BAT54S-V BAT54-V BAT54A-V BAT54-V10 BAT54C-V BAT54 |
Small Signal Schottky Diodes, Single and Dual 0.2 A, 30 V, SILICON, SIGNAL DIODE 0.2 A, 30 V, 2 ELEMENT, SILICON, SIGNAL DIODE
|
Vishay Siliconix VISHAY SEMICONDUCTORS
|
ZHCS1006TA ZHCS500TA ZHCS750TA UZHCS500TA UZHCS500 |
DIODE SCHOTTKY 60V 1.0A SOT-23 0.9 A, SILICON, SIGNAL DIODE DIODE SCHOTTKY 40V 0.5A SOT-23 0.5 A, SILICON, SIGNAL DIODE 0.75 A, SILICON, SIGNAL DIODE MINIATURE PACKAGE-3 0.4 A, SILICON, SIGNAL DIODE
|
Zetex Semiconductor PLC ZETEX PLC DIODES INC
|
BYW27-200TR BYW27-1000TR BYW27-100TR BYW27-400AMP |
1 A, 200 V, SILICON, SIGNAL DIODE PLASTIC PACKAGE-2 1 A, 1000 V, SILICON, SIGNAL DIODE PLASTIC PACKAGE-2 1 A, 100 V, SILICON, SIGNAL DIODE PLASTIC PACKAGE-2 1 A, 400 V, SILICON, SIGNAL DIODE PLASTIC PACKAGE-2 1 A, 600 V, SILICON, SIGNAL DIODE PLASTIC PACKAGE-2
|
Vishay Beyschlag TE Connectivity, Ltd. TOKO, Inc.
|
FFM101 FFM102 FM107 FFM107 FFM104 FFM106 FFM105 FF |
1 A, 100 V, SILICON, SIGNAL DIODE, DO-214AC SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere 1 A, 1000 V, SILICON, SIGNAL DIODE, DO-214AC
|
Rectron Semiconductor RECTRON LTD
|
MSS1P6-M3/89A MSS1P5-M3/89A MSS1P5HM3/89A |
1 A, 60 V, SILICON, SIGNAL DIODE HALOGEN FREE AND ROHS COMPLIANT, MICROSMP-2 1 A, 50 V, SILICON, SIGNAL DIODE
|
Vishay Beyschlag VISHAY SEMICONDUCTORS
|
BAS16 |
Surface Mount Silicon Planar Small-Signal Diode 0.2 A, 85 V, SILICON, SIGNAL DIODE, TO-236
|
Diotec Semiconductor AG
|
BAY8012 BAY80-TAP |
Small Signal Switching Diode, High Voltage DIODE 0.2 A, 150 V, SILICON, SIGNAL DIODE, DO-35, HALOGEN FREE AND ROHS COMPLIANT PACKAGE-2, Signal Diode
|
Vishay Siliconix Vishay Semiconductors
|
1N4454UR-1 JANTX1N4454UR-1 JANTXV1N4454UR-1 JAN1N4 |
Signal or Computer Diode MINI-MELF-SMD Silicon Swithching Diode 0.2 A, SILICON, SIGNAL DIODE, DO-213AA
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
BYM11-600-E3/96 BYM11-600HE3/96 RGL41M-E3/96 |
1 A, 600 V, SILICON, SIGNAL DIODE, DO-213AB ROHS COMPLIANT, PLASTIC PACKAGE-2 1 A, 1000 V, SILICON, SIGNAL DIODE, DO-213AB
|
Vishay Beyschlag VISHAY SEMICONDUCTORS
|
SD103A09 SD103B-35B |
SMALL SIGNAL SCHOTTKY BARRIES SWITCHING DIODES 0.35 A, 30 V, SILICON, SIGNAL DIODE, DO-35
|
Pan Jit International Inc.
|
|